Part Number Hot Search : 
1N939A N5550 17000A NCP1605A 12F627 000F1 LM140AK DTR2G
Product Description
Full Text Search
 

To Download 55A0812 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  users should evaluate the suitability of this product for their application. specifications are subject to change without noti ce. tyco electronics corporation also reserves the right to make changes in materials or processing, which do not affect compliance with any specification, without notification to buyer. 1/ colors and color code designators shall be in acco rdance with mil-std-681. other codes and suffixes may be added to the part number, as necessary, to capture any additional requirements imposed by the purchase order. raychem, te connectivity, te connectivity (logo), and te (logo) are trademarks. raychem wire & cable 501 oakside avenue redwood city, ca 94063-3800 phone: 1-800-522-6752 fax: 1-650-361-6297 dimensions are in inches and, unless otherwise designated, are nominal. this specification sheet takes precedence over documents referenced herein. referenced documents shall be of the issue in effect on date of invitation for bid. ? 2008-2017 tyco electronics corporation. all rights reserved. title specification control drawing scd 55A0812 wire, radiation-crosslinked, modified etfe-insulated, normal weight, general purpose, 600 volt date 1-12-17 revision v this specification sheet forms a part of the latest issue of raychem specification 55a. primary insulation - radiation-crosslinked, modified etfe primary insulation shall be of a contrasting pigmentation to that of the jacket. conductor - silver -coated copper jacket - radiation-crosslinked, modified etfe table i. construction details part number 1/ wire size (awg) conductor stranding (number x awg) diameter of stranded conductor (inch) finished wire maximum resistance at 20c (ohms/1000 ft.) diameter (inch) maximum weight (lbs/1000 ft.) minimum maximum 55A0812-26-* 26 19 x 38 .018 .019 38.4 .040 .002 1.70 55A0812-24-* 24 19 x 36 .023 .024 24.3 .045 .002 2.30 55A0812-22-* 22 19 x 34 .029 .030 15.1 .050 .002 3.20 55A0812-20-* 20 19 x 32 .037 .038 9.19 .058 .002 4.70 55A0812-18-* 18 19 x 30 .046 .048 5.79 .070 .003 7.20 55A0812-16-* 16 19 x 29 .052 .054 4.52 .077 .003 9.00 55A0812-14-* 14 19 x 27 .065 .068 2.88 .094 .003 13.8 55A0812-12-* 12 37 x 28 .084 .087 1.90 .111 .003 20.5 55A0812-10-* 10 37 x 26 .106 .112 1.19 .134 .004 32.4 55A0812-8-* 8 133 x 29 .158 .169 .658 .195 .008 61.9 55A0812-6-* 6 133 x 27 .198 .213 .418 .241 .010 94.5 55A0812-4-* 4 133 x 25 .250 .268 .264 .310 .010 158. 55A0812-2-* 2 665 x 30 .320 .340 .170 .408 .012 249. 55A0812-1-* 1 817 x 30 .360 .380 .139 .470 .012 329. 55A0812-0-* 0 1045 x 30 .395 .425 .108 .510 .016 404. 55A0812-00-* 00 1330 x 30 .440 .475 .085 .570 .016 500. 55A0812-000-* 000 1665 x 30 .500 .540 .068 .610 .016 594. 55A0812-0000-* 0000 2109 x 30 .565 .605 .054 .675 .022 746. page 1 of 2
specification control drawing page 2 of 2 revision v scd 55A0812 table ii. performance details part number 1/ mandrel diameter (inch) ( 3%) weight (lb) ( 3%) life cycle, immersion, and accelerated aging cold bend life cycle, immersion, and accelerated aging cold bend 55A0812-26-* .375 1.00 .500 3.00 55A0812-24-* .500 1.00 .750 3.00 55A0812-22-* .500 1.00 1.00 3.00 55A0812-20-* .500 1.00 1.50 4.00 55A0812-18-* .750 1.50 2.00 4.00 55A0812-16-* 1.00 1.50 2.00 5.00 55A0812-14-* 1.00 2.00 3.00 5.00 55A0812-12-* 1.50 2.00 3.00 5.00 55A0812-10-* 2.00 3.00 3.00 5.00 55A0812-8-* 3.00 4.00 4.00 6.00 55A0812-6-* 4.00 5.00 4.00 10.0 55A0812-4-* 5.00 6.00 4.00 10.0 55A0812-2-* 6.00 8.00 6.00 15.0 55A0812-1-* 8.00 10.0 6.00 15.0 55A0812-0-* 8.00 10.0 6.00 15.0 55A0812-00-* 10.0 12.0 8.00 20.0 55A0812-000-* 10.0 12.0 8.00 20.0 55A0812-0000-* 10.0 12.0 8.00 20.0 wire ratings and additional requirements temperature rating: 200c maximum continuous conductor temperature voltage rating: 600 volts (rms) at sea level accelerated aging (crosslinking proof): 300 3c for 7 hours blocking: 230 3c for 24 hours color: white preferred concentricity: 70% (minimum) flammability: procedure 1, 3 seconds (maximum), 3 inches (maximum); no flaming of facial tissue humidity resistance: insulation resistance, 5000 megohms for 1000 ft. (minimum), awg 26-10 3000 megohms for 1000 ft. (minimum), awg 8-0000 identification, color striping, and band durability: 125 cycles (250 strokes) (minimum), 500 g weight immersion: diameter increase 5% (maximum); no cracking, no dielectric breakdown insulation elongation and tensile strength: elongation, 125% (minimum) for primary insulation, awg 26-10 only 75% (minimum) for total insulation (primary insulation & jacket) tensile strength, 5000 lbf/in 2 (minimum) for primary insulation 5000 lbf/in 2 (minimum) for total insulation (primary insulation & jacket) insulation flaws: primary insulation, spark test, 1.5 kv (rms) at 60 hz; 4.2 kv (rms) at 3 khz impulse dielectric test, 6.0 kv (peak) finished wire, spark test, 5.7 kv (rms) at 3 khz impulse dielectric test, 8.0 kv (peak) insulation resistance: 5000 megohms for 1000 ft. (minimum), awg 26-10 3000 megohms for 1000 ft. (minimum), awg 8-0000 insulation thickness: 0.003 in. (minimum) for primary insulation 0.004 in. (minimum) for outer jacket 0.009 in. (minimum) for total insulation life cycle: 230 3c for 500 hours low temperature-cold bend: -65 3c for 4 hours shrinkage: 230 3c for 6 hours, 0.125 in. (maximum) in 12 inches smoke test: 250 5c, no visible smoke solderability (awg 10 and smaller only): per mil-std-202, method 208, except without steam aging surface resistance: 500 meghoms-in. (minimum), both readings thermal shock resistance: 200 3c, 0.060 in. (maximum), awg 26-12 0.100 in. (maximum), awg 10-8 0.125 in. (maximum), awg 6-0000 voltage withstand (post environmental): 2500 volts (rms), 60 hz wicking: 2.25 in. (maximum) wrap test: 313 3c for 2 hours 1/ part number: the "*" in the part numbers in tables i and ii shall be replaced by a color code designator. example: awg 22, white: 55A0812-22-9 awg 22, white with a black stripe: 55A0812-22-90 1/ see footer section on page 1


▲Up To Search▲   

 
Price & Availability of 55A0812

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X